Part Number Hot Search : 
2SA1774 301KD07X D133D EF1C509 16M86VBB LX5514LL DVFL28 L239E
Product Description
Full Text Search
 

To Download CD74HC27 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 data sheet acquired from harris semiconductor schs132 features ? buffered inputs ? typical propagation delay: 7ns at v cc = 5v, c l = 15pf, t a = 25 o c ? fanout (over temperature range) - standard outputs . . . . . . . . . . . . . . . 10 lsttl loads - bus driver outputs . . . . . . . . . . . . . 15 lsttl loads ? wide operating temperature range . . . -55 o c to 125 o c ? balanced propagation delay and transition times ? signi?cant power reduction compared to lsttl logic ics ? hc types - 2v to 6v operation - high noise immunity: n il = 30%, n ih = 30% of v cc at v cc = 5v ? hct types - 4.5v to 5.5v operation - direct lsttl input logic compatibility, v il = 0.8v (max), v ih = 2v (min) - cmos input compatibility, i l 1 m a at v ol , v oh description the harris CD74HC27, cd74hct27, logic gates utilize silicon gate cmos technology to achieve operating speeds similar to lsttl gates with the low power consumption of standard cmos integrated circuits. all devices have the ability to drive 10 lsttl loads. the 74hct logic family is functionally pin compatible with the standard 74ls logic family. pinout CD74HC27, cd74hct27 (pdip, soic) top view ordering information part number temp. range ( o c) package pkg. no. CD74HC27e -55 to 125 14 ld pdip e14.3 cd74hct27e -55 to 125 14 ld pdip e14.3 CD74HC27m -55 to 125 14 ld soic m14.15 cd74hct27m -55 to 125 14 ld soic m14.15 notes: 1. when ordering, use the entire part number. add the suf?x 96 to obtain the variant in the tape and reel. 2. die for this part number is available which meets all electrical specifications. please contact your local sales office or harris customer service for ordering information. 1a 1b 2a 2b 2c 2y gnd v cc 1c 1y 3c 3b 3a 3y 1 2 3 4 5 6 7 14 13 12 11 10 9 8 august 1997 caution: these devices are sensitive to electrostatic discharge. users should follow proper ic handling procedures. copyright ? harris corporation 1997 CD74HC27, cd74hct27 high speed cmos logic triple 3-input nor gate file number 1648.1 [ /title (cd74 hc27, cd74 hct27 ) / sub- j ect (high speed cmos logic
2 functional diagram logic symbol truth table inputs output na nb nc ny lllh llhl lhll hlll hhl l lhhl hlhl hhhl note: h = high voltage level, l = low voltage level 1a 1b 2b 2c 2y gnd 1 2 3 4 5 6 14 13 12 11 v cc 3c 3y 3b 1y 1c 10 8 7 9 3a 2a na nb ny nc CD74HC27, cd74hct27
3 absolute maximum ratings thermal information dc supply voltage, v cc . . . . . . . . . . . . . . . . . . . . . . . . -0.5v to 7v dc input diode current, i ik for v i < -0.5v or v i > v cc + 0.5v . . . . . . . . . . . . . . . . . . . . . . 20ma dc output diode current, i ok for v o < -0.5v or v o > v cc + 0.5v . . . . . . . . . . . . . . . . . . . . 20ma dc output source or sink current per output pin, i o for v o > -0.5v or v o < v cc + 0.5v . . . . . . . . . . . . . . . . . . . . 25ma dc v cc or ground current, i cc or i gnd . . . . . . . . . . . . . . . . . . 50ma operating conditions temperature range (t a ) . . . . . . . . . . . . . . . . . . . . . -55 o c to 125 o c supply voltage range, v cc hc types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2v to 6v hct types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .4.5v to 5.5v dc input or output voltage, v i , v o . . . . . . . . . . . . . . . . . 0v to v cc input rise and fall time 2v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000ns (max) 4.5v. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500ns (max) 6v . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 400ns (max) thermal resistance (typical, note 3) q ja ( o c/w) pdip package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 soic package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180 maximum junction temperature . . . . . . . . . . . . . . . . . . . . . . . 150 o c maximum storage temperature range . . . . . . . . . .-65 o c to 150 o c maximum lead temperature (soldering 10s) . . . . . . . . . . . . . 300 o c (soic - lead tips only) caution: stresses above those listed in absolute maximum ratings may cause permanent damage to the device. this is a stress only rating and operatio n of the device at these or any other conditions above those indicated in the operational sections of this speci?cation is not im plied. note: 3. q ja is measured with the component mounted on an evaluation pc board in free air. dc electrical speci?cations parameter symbol test conditions v cc (v) 25 o c -40 o c to 85 o c -55 o c to 125 o c units v i (v) i o (ma) min typ max min max min max hc types high level input voltage v ih - - 2 1.5 - - 1.5 - 1.5 - v 4.5 3.15 - - 3.15 - 3.15 - v 6 4.2 - - 4.2 - 4.2 - v low level input voltage v il - - 2 - - 0.5 - 0.5 - 0.5 v 4.5 - - 1.35 - 1.35 - 1.35 v 6 - - 1.8 - 1.8 - 1.8 v high level output voltage cmos loads v oh v ih or v il -0.02 2 1.9 - - 1.9 - 1.9 - v -0.02 4.5 4.4 - - 4.4 - 4.4 - v -0.02 6 5.9 - - 5.9 - 5.9 - v high level output voltage ttl loads ---------v -4 4.5 3.98 - - 3.84 - 3.7 - v -5.2 6 5.48 - - 5.34 - 5.2 - v low level output voltage cmos loads v ol v ih or v il 0.02 2 - - 0.1 - 0.1 - 0.1 v 0.02 4.5 - - 0.1 - 0.1 - 0.1 v 0.02 6 - - 0.1 - 0.1 - 0.1 v low level output voltage ttl loads ---------v 4 4.5 - - 0.26 - 0.33 - 0.4 v 5.2 6 - - 0.26 - 0.33 - 0.4 v input leakage current i i v cc or gnd -6-- 0.1 - 1- 1 m a CD74HC27, cd74hct27
4 quiescent device current i cc v cc or gnd 0 6 - - 2 - 20 - 40 m a hct types high level input voltage v ih - - 4.5 to 5.5 2- - 2 - 2 - v low level input voltage v il - - 4.5 to 5.5 - - 0.8 - 0.8 - 0.8 v high level output voltage cmos loads v oh v ih or v il -0.02 4.5 4.4 - - 4.4 - 4.4 - v high level output voltage ttl loads -4 4.5 3.98 - - 3.84 - 3.7 - v low level output voltage cmos loads v ol v ih or v il 0.02 4.5 - - 0.1 - 0.1 - 0.1 v low level output voltage ttl loads 4 4.5 - - 0.26 - 0.33 - 0.4 v input leakage current i i v cc and gnd 0 5.5 - 0.1 - 1- 1 m a quiescent device current i cc v cc or gnd 0 5.5 - - 2 - 20 - 40 m a additional quiescent device current per input pin: 1 unit load (note 4) d i cc v cc -2.1 - 4.5 to 5.5 - 100 360 - 450 - 490 m a note: 4. for dual-supply systems theorectical worst case (v i = 2.4v, v cc = 5.5v) specification is 1.8ma. dc electrical speci?cations (continued) parameter symbol test conditions v cc (v) 25 o c -40 o c to 85 o c -55 o c to 125 o c units v i (v) i o (ma) min typ max min max min max hct input loading table input unit loads all 1.5 note: unit load is d i cc limit speci?ed in dc electrical speci?cations table, e.g. 360 m a max at 25 o c. switching speci?cations input t r , t f = 6ns parameter symbol test conditions v cc (v) 25 o c -40 o c to 85 o c -55 o c to 125 o c units min typ max min max min max hc types propagation delay, input to output (figure 1) t plh , t phl c l = 50pf 2 - - 95 - 120 - 145 ns 4.5 - - 19 - 24 - 29 ns 6 - - 16 - 20 - 25 ns propagation delay, data input to output y t plh , t phl c l = 15pf 5 - 7 - ----ns CD74HC27, cd74hct27
5 transition times (figure 1) t tlh , t thl c l = 50pf 2 - - 75 - 95 - 110 ns 4.5 - - 15 - 19 - 22 ns 6 - - 13 - 16 - 19 ns input capacitance c i - - - - 10 - 10 - 10 pf power dissipation capacitance (notes 5, 6) c pd - 5-26-----pf hct types propagation delay, input to output (figure 2) t plh , t phl c l = 50pf 4.5 - - 23 - 29 - 35 ns propagation delay, data input to output y t plh , t phl c l = 15pf 5 - 9 - ----ns transition times (figure 2) t tlh , t thl c l = 50pf 4.5 - - 15 - 19 - 22 ns input capacitance c i - - - - 10 - 10 - 10 pf power dissipation capacitance (notes 5, 6) c pd - 5-28-----pf notes: 5. c pd is used to determine the dynamic power consumption, per gate. 6. p d = v cc 2 f i (c pd + c l ) where f i = input frequency, c l = output load capacitance, v cc = supply voltage. switching speci?cations input t r , t f = 6ns (continued) parameter symbol test conditions v cc (v) 25 o c -40 o c to 85 o c -55 o c to 125 o c units min typ max min max min max test circuits and waveforms figure 1. hc and hcu transition times and propaga- tion delay times, combination logic figure 2. hct transition times and propagation delay times, combination logic t phl t plh t thl t tlh 90% 50% 10% 50% 10% inverting output input gnd v cc t r = 6ns t f = 6ns 90% t phl t plh t thl t tlh 2.7v 1.3v 0.3v 1.3v 10% inverting output input gnd 3v t r = 6ns t f = 6ns 90% CD74HC27, cd74hct27
6
important notice texas instruments and its subsidiaries (ti) reserve the right to make changes to their products or to discontinue any product or service without notice, and advise customers to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. all products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. ti warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with ti's standard warranty. testing and other quality control techniques are utilized to the extent ti deems necessary to support this warranty. specific testing of all parameters of each device is not necessarily performed, except those mandated by government requirements. certain applications using semiconductor products may involve potential risks of death, personal injury, or severe property or environmental damage (acritical applicationso). ti semiconductor products are not designed, authorized, or warranted to be suitable for use in life-support devices or systems or other critical applications. inclusion of ti products in such applications is understood to be fully at the customer's risk. in order to minimize risks associated with the customer's applications, adequate design and operating safeguards must be provided by the customer to minimize inherent or procedural hazards. ti assumes no liability for applications assistance or customer product design. ti does not warrant or represent that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other intellectual property right of ti covering or relating to any combination, machine, or process in which such semiconductor products or services might be or are used. ti's publication of information regarding any third party's products or services does not constitute ti's approval, warranty or endorsement thereof. copyright ? 1998, texas instruments incorporated


▲Up To Search▲   

 
Price & Availability of CD74HC27

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X